PART |
Description |
Maker |
MF-USMF MF-USMF020 MF-USMF050 MF-USMF035 MF-USMF00 |
MF-USMF Series - PTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT
|
Bourns Inc. Bourns, Inc.
|
MF-SMHT160 MF-SMHT136 |
MF-SMHT Series - PTC Resettable Fuses MF-SMHT Series - PTC Resettable Fuses
|
Bourns Electronic Solutions
|
AT49LV010 AT49LV010- AT49LV010-12TI AT49LV010-12TC |
RESISTOR, PTC, CAP CHARGE, 650VDC; Series:B5920; Thermistor type:PTC; Resistance:56R; Tolerance, resistance: /-30%; Temp, op. max: 125(degree C); Voltage, operating:650V; Case style:Radial; Depth, external:12.5mm; Diameter, RoHS Compliant: Yes THERMISTOR, PTC; Series:B59155; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes THERMISTOR, PTC; Series:B591; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 128K X 8 FLASH 2.7V PROM, 150 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
PFRA.017 PFRA.020 PFRA.025 PFRA.030 PFRA.050 PFRA. |
Radial Leaded Fuse, PTC, 60 VDC Miniature PCB PTC-fuses; for electronic devices; Voltage Rating: 60V; Current Rating: 0.5A; Characteristic: Time Lag RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Schurter Inc. SCHURTER AG
|
MF-RM040-240 MF-RM025-240 MF-RM033-240 MF-RM005-24 |
MF-RM Series - PTC Resettable Fuses
|
Bourns Electronic Solutions
|
MF-MSMF010_24-2 MF-MSMF014 MF-MSMF020 MF-MSMF020_1 |
MF-MSMF SERIES - PTC RESETTABLE FUSES
|
BOURNS[Bourns Electronic Solutions]
|
FRX0XX-60 |
Radial Leaded PTC FRX Series
|
DB Lectro
|
FRX010-60 FRX375-60 FRX-010-060 FRX-010-60 FRX-017 |
Radial Leaded PTC FRX Series
|
DBLECTRO[DB Lectro Inc]
|
MF-SMDF050-2 MF-SMDF100-2 MF-SMDF200-2 |
MF-SMDF Series - PTC Resettable Fuses
|
Bourns Inc.
|
MF-VS190NSLU-2 MF-VS190NSLU-0 MF-VS200NSLU-2 MF-VS |
Narrow Body Series - PTC Resettable Fuses
|
Bourns Inc.
|
FRU135-30 FRU500-30 FRU400-30 FRU600-30 FRU300-30 |
Radial Leaded PTC FRU Series 引线PTC的FRU的系
|
DB Lectro Inc. DB Lectro, Inc.
|